Part Number Hot Search : 
LA5668N 800A1 AX7020K PSTTPC EP8301 K1300 AX7020K M9708080
Product Description
Full Text Search
 

To Download IRF36ER8R2K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irf-36 www.vishay.com vishay dale revision: 18-jun-13 1 document number: 34057 for technical questions, contact: magnetics@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 inductors, epoxy conformal coated, axial leaded electrical specifications inductance range: 0.1 h to 1000 h inductance tolerance: 10 % from 0.1 h to 1000 h standard, 5 % optional operating temperature range: - 20 c to + 105 c dielectric strength: 250 v rms mechanical specifications terminal strength: pull = 5 pounds, twist = 360 c x 3 protection: epoxy uniform roll coated leads: tinned copper environmental specifications maximum temperature rise: + 20 c features ? high performance ferrite core is used in this epoxy conformally coated choke which allows for inductance values to 1000 h ? axial lead type, small lightweight design ? special magnetic core structure contributes to high q and self-resonant frequencies ? treated with epoxy resin coat ing for humidity resistance to ensure long life ? heat resistant adhesives and sp ecial structural design for effective open circuit measurement ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 dimensions in inches [millimeters] model a (max.) b (max.) c (max.) d (max.) irf-36 0.236 [6.0] 0.157 [4.0] 0.551 [14.0] 0.026 [0.65] 0.98 [25.0] min. 1.22 [ 3 1.0] max. d (max.) b (max.) c (max.) a (max.) standard electrical specifications model ind. (h) tol. (%) q min. test frequency (mhz) srf min. (mhz) dcr max. ( ? ) rated dc current (ma) irf-36 0.10 20 % 25 25.2 320 0.15 1750 irf-36 0.12 20 % 25 25.2 320 0.16 1650 irf-36 0.15 20 % 25 25.2 320 0.17 1560 irf-36 0.18 20 % 25 25.2 320 0.19 1480 irf-36 0.22 20 % 25 25.2 300 0.21 1400 irf-36 0.27 20 % 25 25.2 300 0.24 1320 irf-36 0.33 20 % 25 25.2 300 0.28 1280 irf-36 0.39 20 % 25 25.2 280 0.32 1200 irf-36 0.47 20 % 25 25.2 250 0.36 1150 irf-36 0.56 20 % 25 25.2 230 0.41 1100 irf-36 0.68 20 % 25 25.2 210 0.47 1030 irf-36 0.82 20 % 45 25.2 172 0.24 980 irf-36 1.0 5 %, 10 % 45 25.2 140 0.24 920 irf-36 1.2 5 %, 10 % 50 7.96 140 0.27 880 irf-36 1.5 5 %, 10 % 50 7.96 131 0.30 830 irf-36 1.8 5 %, 10 % 55 7.96 121 0.32 790 irf-36 2.2 5 %, 10 % 55 7.96 110 0.35 750 irf-36 2.7 5 %, 10 % 60 7.96 100 0.35 720 irf-36 3.3 5 %, 10 % 65 7.96 94 0.35 670 irf-36 3.9 5 %, 10 % 65 7.96 86 0.37 640 irf-36 4.7 5 %, 10 % 70 7.96 80 0.39 620 irf-36 5.6 5 %, 10 % 70 7.96 74 0.43 590 irf-36 6.8 5 %, 10 % 75 7.96 68 0.48 550 irf-36 8.2 5 %, 10 % 70 7.96 53 0.52 530
irf-36 www.vishay.com vishay dale revision: 18-jun-13 2 document number: 34057 for technical questions, contact: magnetics@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 irf-36 10 5 %, 10 % 70 2.52 45 0.58 500 irf-36 12 5 %, 10 % 70 2.52 34 0.63 480 irf-36 15 5 %, 10 % 70 2.52 20 0.72 460 irf-36 18 5 %, 10 % 65 2.52 14 0.77 430 irf-36 22 5 %, 10 % 40 2.52 9.9 0.84 410 irf-36 27 5 %, 10 % 55 2.52 7.6 0.94 390 irf-36 33 5 %, 10 % 55 2.52 6.3 1.03 370 irf-36 39 5 %, 10 % 50 2.52 6.3 1.12 350 irf-36 47 5 %, 10 % 45 2.52 6.3 1.22 340 irf-36 56 5 %, 10 % 40 2.52 6.2 1.34 320 irf-36 68 5 %, 10 % 40 2.52 5.7 1.47 306 irf-36 82 5 %, 10 % 35 2.52 5.3 1.62 290 irf-36 100 5 %, 10 % 30 2.52 4.8 1.80 275 irf-36 120 5 %, 10 % 70 0.796 3.8 3.7 185 irf-36 150 5 %, 10 % 70 0.796 3.5 4.2 175 irf-36 180 5 %, 10 % 70 0.796 3.3 4.6 165 irf-36 220 5 %, 10 % 70 0.796 3.0 5.1 155 irf-36 270 5 %, 10 % 65 0.796 2.8 5.8 146 irf-36 330 5 %, 10 % 65 0.796 2.6 6.4 137 irf-36 390 5 %, 10 % 65 0.796 2.4 7.0 133 irf-36 470 5 %, 10 % 60 0.796 2.25 7.7 126 irf-36 560 5 %, 10 % 60 0.796 2.10 8.5 120 irf-36 680 5 %, 10 % 55 0.796 1.95 9.4 113 irf-36 820 5 %, 10 % 55 0.796 1.85 12.0 100 irf-36 1000 5 %, 10 % 50 0.796 1.40 17.4 100 ordering information irf-36 4.7 h 10 % er e3 model inductance value inductance tolerance package code jedec lead (pb)-free standard global part number irf36 er 4r7 k model package code inductance value inductance tolerance standard electrical specifications model ind. (h) tol. (%) q min. test frequency (mhz) srf min. (mhz) dcr max. ( ? ) rated dc current (ma)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of IRF36ER8R2K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X